PART |
Description |
Maker |
MC100EP016 MC100EP445FAR2 MC10H424FN MC100EP016A M |
3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 3.3V / 5VECL 8-Bit Serial/Parallel Converter Quad TTL-ECL Translator 5V ECL 6-Bit 2:1 Mux Latch 4-Wide OR-AND/OR-ANDbar Gate Quad 2-Input AND Gate 3.3V / 5V ECL ÷2 Divider 3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Quad 4-Input OR/NOR Gate
|
ON Semiconductor
|
MC10H106 MC100EL29DWR2 MC10H117 MC10H117FN MC100EP |
Triple 4-3-3-Input NOR Gate 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset Dual 2-Wide 2-3-Input OR-AND/OR-AND-Invert Gate 3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing 5V ECL 2-Input XOR/XNOR 4-Wide OR-AND/OR-ANDbar Gate 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL ÷2 Divider 5V ECL Differential Data and Clock D Flip-Flop
|
ON Semiconductor
|
BUS-61570-830K BUS-61571-830K BUS-61571-XXXX BUS-6 |
MIL-STD-1553 Bc-rt-mt Integrated Terminal Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection Small Signal Bias Resistor Transistor, PNP, 50 V 5 V ECL 2 Divider 9-Bit ECL to TTL Translator 2.5 V / 3.3 V ECL 2-Input Differential AND/NAND MIL-STD-1553B NOTICE 2 ADVANCED INTEGRATED MUX HYBRIDS WITH ENHANCED RT FEATURES (AIM-HYer) 符合MIL - STD - 1553B总线公告2先进综合复用的杂交强化逆转录特征(枚AIM - HYer 5V ECL JK Flip-Flop 符合MIL - STD - 1553B总线公告2先进综合复用的杂交强化逆转录特征(枚AIM - HYer 5V ECL 2:1 Multiplexer 符合MIL - STD - 1553B总线公告2先进综合复用的杂交强化逆转录特征(枚AIM - HYer
|
List of Unclassifed Man... Data Device ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. http://
|
SP8665B SP8668B |
The SP8865/8 are asynchronous ECL counters which provide ECL compatible outputs
|
List of Unclassifed Manufacturers ETC[ETC] N.A.
|
MC100ELT23 MC100EL12DTR2 MC10H131FNR2 MC100H640FNR |
5V Dual Differential PECL to TTL Translator 5V ECL Low Impedance Driver Dual Type D Master-Slave Flip-Flop ECL/TTL Clock Driver 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V / 5V ECL ÷4 Divider Quad 2-Input NOR Gate 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset 3.3V / 5V Hex Differential Line Receiver / Driver 3.3V / 5V Triple ECL Input to LVPECL/PECL Output Translator
|
ON Semiconductor
|
GA01-640 GA01-520 GA01-630 GA01-631 GA01-632 GA01- |
CRYSTAL OSCILLATOR, CLOCK, 144 MHz, ECL 100K OUTPUT CRYSTAL OSCILLATOR, CLOCK, 120 MHz, ECL 100K OUTPUT CRYSTAL OSCILLATOR, CLOCK, 576 MHz - 672 MHz, ECL 100K OUTPUT CRYSTAL OSCILLATOR, CLOCK, 288 MHz - 336 MHz, ECL 100K OUTPUT 14 PIN DIP ECL PLL FREQUENCY MULTIPLIER
|
CONNOR WINFIELD CORP Connor-Winfield Corporation
|
AND8090 AND8090D MC100H601 MC100H601FN MC10H106FN |
3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Low Impedance Driver LOW VOLTAGE DUAL 1:4, 1:5 DIFFERENTIAL FANOUT BUFFER 8 Input Priority Encoder 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V Dual Differential LVPECL to LVTTL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver Fibre Channel Coaxial Cable Driver and Loop Resillency Circuit 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS 3.3V / 5V Programmable PLL Synthesized Clock Generator (25 to 400 MHz) 2.5 V/3.3 V SiGe 1:2 Differential Clock Driver with RSECL Outputs 2.5 V/3.3 V SiGe 1:10 Differential Clock Driver with RSECL Outputs Triple 4-3-3-Input NOR Gate 9-Bit ECL-TTL Translator AC Characteristics of ECL Devices
|
Motorola ONSEMI[ON Semiconductor]
|
100329QC 100329QI 100329PC 100329 100329DC |
Low Power Hex TTL-to-ECL Translator From old datasheet system Low Power Octal ECL/TTL Bidirectional Translator with Register CABLE ASSEMBLY; LEAD-FREE SOLDER; SMA MALE RIGHT ANGLE TO; SMA FEMALE BULKHEAD; 50 OHM, RG196A/U COAX; 36" CABLE LENGTH; TTL TO ECL TRANSCEIVER, TRUE OUTPUT, PDIP24
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MC100H605FN MC100H605FNG MC100H605 MC100H605FNR2 |
Registered Hex ECL/TTL Translator; Package: 28 LEAD PLCC; No of Pins: 28; Container: Tape and Reel; Qty per Container: 500 HEX ECL TO TTL TRANSLATOR, TRUE OUTPUT, PQCC28 BBG ECL TRNSLATR HEX; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 HEX ECL TO TTL TRANSLATOR, TRUE OUTPUT, PQCC28 Registered Hex ECL to TTL Translator
|
ON Semiconductor
|
MC100H602FNG |
9−Bit Latch TTL to ECL Translator TTL TO ECL TRANSLATOR, TRUE OUTPUT, PQCC28
|
ON Semiconductor
|